Part Number Hot Search : 
HEVAL M82C55 RF2513 CP30238 01CNQ TS432ILT BCM5320M AS5DC3
Product Description
Full Text Search
 

To Download SM1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES

SM Series
Miniaturized low profile with 9mm to 25mm height Load life of 2000 hours at 85C
OUTLINE
mm D F d 5 2.0 6.3 2.5 0.5 8 3.5 10 5.0 0.6 13 16 7.5 0.8 18
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature 6.3 ~ 250Vdc -40C ~ +85C (After 2 minutes applying the DC working voltage) Leakage Current (25C)
Characteristics 20% (M) 350 ~ 450Vdc -25C ~ +85C (After 1 minute applying the DC working voltage) I 0.04CV + 100 (u A) C : Rated Capacitance (u F) 35 44 35 50 63 50 160 200 160 200 250 200 250 300 250
I 0.01CV or 3 (u A) I : Leakage Current (u A) W.V. 6.3 8 6.3 10 13 10 16 20 16
V : Working Voltage (V) 400 450 400 450 500 450
25 32 25
350 400 350
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C)
tan
0.28 0.24 0.20 0.16 0.14 0.12 0.15 0.15 0.15 0.20 0.24 0.24
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F W.V. 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 160 3 6 200 3 6 250 3 6 350 6 400 6 450 6 -
- 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 2000 hours application of WV at +85C, the capacitor shall meet the following limits: (1000 hours for 8 and smaller) Load Test Capacitance Change tan Leakage Current 20% of initial value 200% of initial specified value initial specified value
After 1000 hours, no voltage applied at +85C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 20% of initial value 200% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 ] 5x9 6.3 x 9 ] 10 x 9 ] ] 5x9 6.3 x 9 ] 8x9 10 x 9 ] ] 8x9 8x9 10 x 9 5x9 6.3 x 9 ] 10 x 9 ] 6.3 10 16 25 35 ] ] ] ] ] ] 5x9 ] 8x9 10 x 9 13 x 13 13 x 13 16 x 16 50 5x9 5x9 5x9 5x9 5x9 5x9 8x9 10 x 9 8x9 10 x 9 8x9 10 x 9 8x9 10 x 9 160 200 250 350
D x L (mm)
400 450
8x9 10 x 9 10 x 9
10 x 9 10 x 9
13 x 13 13 x 13 16 x 16
13 x 16 13 x 16 13 x 16 16 x 20
6.3 x 9 13 x 16 13 x 16 16 x 16 16 x 20 16 x 20 18 x 20 6.3 x 9 13 x 16 16 x 16 16 x 20 18 x 20 18 x 20 18 x 25 10 x 9 16 x 20 16 x 20 18 x 20 18 x 25
13 x 13 13 x 16 16 x 16 18 x 20
13 x 16 16 x 16 18 x 16 18 x 20 16 x 16 18 x 16 18 x 20
16 x 16 18 x 16 18 x 20 18 x 25 18 x 16 18 x 20 18 x 25 18 x 20 18 x 25
PERMISSIBLE RIPPLE CURRENT
WV uF 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 ] 190 235 ] 479 ] ] 1340 1577 1920 126 207 ] 366 520 922 1245 1482 1777 2252 ] ] 276 337 390 679 1102 1387 1682 1996 100 163 ] 361 ] 788 1292 1634 1967 556 960 1482 6.3 10 16 25 35 ] ] ] ] ] ] 89 ] 209 318 498 708 1102 50 13 26 31 37 63 84 107 128 233 175 220 395 602 175 255 402 49 83 49 83 160 200
mA (rms) at 120Hz 85C
250 350 400 450
34 35 49 83 154 228 275 420 47 98 148 235 310 38 47 98 148 235 310
35 37
74 168 226 250
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of SM1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X